|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
KR 2446 Notch Filter General Description KR 2446 is a surface mount notch filter. Other passband frequencies are available. Please consult the factory. KR Electronics, Inc. www.krfilters.com Features * Surface Mount Package * 50 Source and Load Typical Performance Amplitude Response (10 dB/div ) 24 Sep 2002 14:22:23 CH1 S21 LOG 10 dB/ REF 0 dB CH1 S21 LOG 10 dB/ Overall Response (10 dB/div) 24 Sep 2002 14:15:00 REF 0 dB Cor Cor CENTER 17 . 890 000 MHz SPAN 30 . 000 000 MHz START 1 . 000 000 MHz STOP 100 . 000 000 MHz Figure 1 Figure 2 KR Electronics, Inc. 91 Avenel Street Avenel, NJ 07001 (c) 2002, KR Electronics, Inc. Web Email Phone Fax www.krfilters.com sales@krfilters.com (732) 636-1900 (732) 636-1982 Page 1 KR Electronics, Inc. KR 2446 Notch Specifications Parameter Filter type Center Frequency Max 3 dB Bandwidth Source & Load Specification Notch 17.89 MHz 6 MHz 50 www.krfilters.com Physical Dimensions KR Electronics, Inc. 91 Avenel Street Avenel, NJ 07001 (c) 2002, KR Electronics, Inc. Web Email Phone Fax www.krfilters.com sales@krfilters.com (732) 636-1900 (732) 636-1982 Page 2 |
Price & Availability of 2446 |